PART |
Description |
Maker |
MPSA43RLRAG |
Small Signal High Voltage NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 50 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
HE8051-X-T92-K HE805107 HE8051-X-T92-B HE8051L-C-T |
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR 1500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N5551 |
Small Signal High Voltage Transistor (NPN)
|
http:// TAITRON Components Incorporated
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BF421-AP 8836 BF421 BULT106D |
SMALL SIGNAL PNP TRANSISTOR SMALL SIGNAL PNP TRANSISTOR From old datasheet system High voltage fast-switching NPN power transistor
|
ST Microelectronics STMicroelectronics
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
G8050S |
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
|
E-Tech Electronics LTD
|
CP316V |
Small Signal Transistors NPN - High Voltage Transistor Chip
|
CENTRAL[Central Semiconductor Corp]
|
S8050 |
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
|
UTC
|
BF622-T1 BF622 |
The Small-signal NPN Silicon High Voltage Medium-Power Transistor
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|